|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
B ...C5000-3300 Inline bridge Silicon-Bridge Rectifiers B ...C5000-3300 Forward Current: 5 / 3,3 A Reverse Voltage: 80 to 1000 V Absolute Maximum Ratings Symbol Conditions Values Units Publish Data Features Mechanical Data Characteristics Symbol Conditions Values Units Dimensions in mm 1 10-04-2006 SCT (c) by SEMIKRON B ...C5000-3300 Fig. 1 : Forward characteristics (typical values) Fig. 2 : Rated forward current vs. ambient temperature 2 10-04-2006 SCT (c) by SEMIKRON |
Price & Availability of B40C5000-330006 |